PART |
Description |
Maker |
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLU9343-701 IRLR9343 IRLU9343 |
-55V Single P-Channel HEXFET Power MOSFET in a D-Pak package -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET DIODE MED-FAST BAS116 80VR 250MA 1.25VF@150MA 1.5US TO-236AB -55 150C 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29F016D AM29F016D-120DPC1 AM29F016D-120DTI1 AM29 |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3505 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3505 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1312 with Standard Packaging EEPROM From old datasheet system 16 Mbit (2 M x 8-Bit)
|
AMD Inc
|
IRF1405Z IRF1405ZL IRF1405ZS |
AUTOMOTIVE MOSFET 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFZ46Z IRFZ46ZS IRFZ46ZL IRFZ46ZNBSP |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package From old datasheet system AUTOMOTIVE MOSFET 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
IRL3705NSTRR IRL3705NL IRL3705NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
PB-IRFZ24NL PB-IRFZ24NS |
Leaded 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRLR4343 IRLU4343-701 IRLU4343 |
55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
AUIRF3805L-7P AUIRF3805S-7P |
Automotive Q101 55V Single N-Channel HEXFET Power MOSFET in a TO-263CA 7p Package Automotive Q101 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak 7p Package
|
International Rectifier
|
IRF9Z24N IRF9Z24NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
|
IRF[International Rectifier]
|